PART |
Description |
Maker |
ISL6569CR ISL6569CB-T ISL6569 |
PWM Controller, 2-Phase, 5-Bit DAC, Reg %, VCORE =0.80/1.55V Multi-Phase PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6556B ISL6556BCR |
PWM Controller, 2-4 Phase, 6-Bit VID, ?.5% Reg Optimized Multi-Phase PWM Controller with 6-Bit DAC and Programmable Internal Temperature Compensation for VR10.X Application
|
INTERSIL[Intersil Corporation]
|
L6562 FN9012 ISL6562 ISL656062E ISL656062EVAL1 ISL |
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.05-1.825 Voltage, VRM 8.5
|
http:// INTERSIL[Intersil Corporation]
|
ISL6560CB ISL6560 |
PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.1-1.85 Voltage, VRM 9.0 Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
|
INTERSIL[Intersil Corporation]
|
ISL6569ACBZ-T |
2 Phase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO24 Multi-Phase PWM Controller SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO24
|
Intersil, Corp.
|
MAX15569 MAX15569GTGT MAX15569CEVKIT |
2-Phase/1-Phase, QuickTune-PWM Controller with Serial I²C Interface
|
MAXIM - Dallas Semiconductor
|
EPM5032LC-20 EPM5032LI-25 EPM5032DC-15 EPM5032DC-2 |
UV-Erasable/OTP PLD Eval Board for ISL6504 Multiple Linear Power Controller with ACPI Control Interface Eval Board for ISL6296 FlexiHash For Battery Authentication Eval Board for ISL6527A Single Synchronous Buck Pulse-Width Modulation (PWM) Controller Eval Board for ISL6520 Single Synchronous Buck Pulse-Width Modulation (PWM) Controller UV-Erasable/OTP可编程逻辑器件 Eval Board for ISL6310 Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
|
Cypress Semiconductor, Corp.
|
HIP6302CB HIP6302 HIP6302CB-T HIP6302EVAL1 FN4766 |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller(寰??????稿?澶?????璋??瑙h??? Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller 微处理器核心电压调节器的多相降压PWM控制 From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
RT8841 |
4/3/2/1-Phase PWM Controller
|
Richtek Technology
|
ISL6388 |
Advanced Linear EAPP Digital 6-Phase Green PWM Controller for Digital Power Management With NVM and AUTO Phase Shedding
|
Renesas Electronics Corporation
|
EL551-64 EL551-76 EL551-52 EL551-44 EL551-48 EL551 |
Logic IC Multiple Linear Power Controller with ACPI Control Interface; Temperature Range: 0°C to 70°C; Package: 16-SOIC T&R 300kHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN T&R 1.4MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 28-QFN 逻辑IC 2.5MHz Dual, 180° Out-of-Phase, Step-Down PWM and Single Linear Controller; Temperature Range: -40°C to 85°C; Package: 24-QSOP 逻辑IC
|
Exar, Corp. TT electronics Semelab, Ltd.
|